| 전자부품 데이터시트 검색엔진 |
|
LEO3910PDT 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEO3910PDT 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() Table 6. POWER-SO 20 mechanical data Symbol Milimeters Min. Typ. Max. θ 0 ̊ - 8 ̊ θ1 5 ̊ - 10 ̊ θ2 0 ̊ - - A - - 3.50 A1 0.20 - 0.275 A2 3.10 - 3.20 A3 0.00 - 0.075 A4 0.83 - 0.95 b 0.40 - 0.53 b1 0.40 0.45 0.50 c 0.23 - 0.32 D 15.90 BSC D1 Variation D2 - - 1.10 D3 - 5.00 - e 1.27 BSC E 14.20 BSC E1 11.00 BSC E2 Variation E3 - - 2.85 h - - 1.10 L 0.85 - 1.05 L1 1.60 REF L2 0.35 BSC N 20 R 0.20 - - R1 0.20 - - S 0.25 - - Table 7. Tolerance of form and position Symbol Drawing aaa 0.10 bbb 0.30 ccc 0.10 ddd 0.25 eee 0.10 ggg 0.25 Note 1.2 LEO3910 POWER-SO 20 package information DS13691 - Rev 2 page 16/21 |