| 전자부품 데이터시트 검색엔진 |
|
SH79F6489P/080PR 데이터시트(PDF) 31 Page - SINOWEALTH Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SH79F6489P/080PR 데이터시트(HTML) 31 Page - SINOWEALTH Electronic Ltd |
|
31 / 152 page ![]() SH79F6488/SH79F6489 31 Table 7.11 SSP Flow Control Register2 F4H Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IB_CON3 - - - - IB_CON3.3 IB_CON3.2 IB_CON3.1 IB_CON3.0 R/W - - - - R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - 0 0 0 0 Bit Number Bit Mnemonic Description 3-0 IB_CON3[3:0] Must be 0AH else Flash Programming will terminate Table 7.12 SSP Flow Control Register3 F5H Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IB_CON4 - - - - IB_CON4.3 IB_CON4.2 IB_CON4.1 IB_CON4.0 R/W - - - - R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - 0 0 0 0 Bit Number Bit Mnemonic Description 3-0 IB_CON4[3:0] Must be 09H, else Flash Programming will terminate Table 7.13 SSP Flow Control Register4 F6H Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 IB_CON5 - - - - IB_CON5.3 IB_CON5.2 IB_CON5.1 IB_CON5.0 R/W - - - - R/W R/W R/W R/W Reset Value (POR/WDT/LVR/PIN) - - - - 0 0 0 0 Bit Number Bit Mnemonic Description 3-0 IB_CON5[3:0] Must be 06H, else Flash Programming will terminate |