전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9654 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 L9654
상세설명  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button L9654 Datasheet HTML 47Page - STMicroelectronics L9654 Datasheet HTML 48Page - STMicroelectronics L9654 Datasheet HTML 49Page - STMicroelectronics L9654 Datasheet HTML 50Page - STMicroelectronics L9654 Datasheet HTML 51Page - STMicroelectronics L9654 Datasheet HTML 52Page - STMicroelectronics L9654 Datasheet HTML 53Page - STMicroelectronics L9654 Datasheet HTML 54Page - STMicroelectronics L9654 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
DocID14218 Rev 3
51/59
L9654
Functional description
58
Bits[1:0]
These bits configure the polarity and the behavior of the MSG
Bits[9:8]
These bits are used to configure the output channels for both sensor protocols. In the "B"
protocol mode a parity bit is used to verify communication between the satellite sensors and
the IC. The L9654 calculates the parity of the incoming massage based on either odd parity
or even parity, which is determined by the setting of bit D12.
In case of communication parity mismatch a communication parity error shall be reported
via SPI. If none of the channels is configured for the "B" protocol a write operation to this bit
is ignored.
Bit [12]
This bit controls the parity calculation for incoming sensor messages to either even or odd
parity; the selected setting applies to all channels operating in "B" protocol node.
The setting of this bit is ignored by the IC for the channels configured for "A" protocol. The
MCR register has to be written at least once in order for the device to be configured
correctly, however it can be superseded with a CCR command.
4.14.12
Channel configuration registers (CCR1, CCR2, CCR3, CCR4)
This register is used to configure individual channels for proper satellite communication as
required by the application. Please refer to the below Table 35 for bits definition.
Table 35. Channel configuration register definition
Bit
State
Description
D13
0
Don’t Flush FIFO (Default)
1
Flush FIFO
D12
0
Write to bits <D9-D0>, D12 and D13 only
1
Write to D4, D5, D10, D11, D12 and D13 only. All other CCR bits shall
keep previous setting.
D11
Mode Select (refer to Table 40)
D10
D9
Bit Time Selection (refer to Table 39)
D8
D7
0
"B" Protocols configuration bits (refer to Table 38) Only applies when CHx
is configured to use "B" Only applies when CHx is configured to use "B"
protocol through MCR otherwise treated as DON’TCARE
D6
1
D5
Satellite/Decoder Control (refer to Table 37)
D4
D3
0
Current Trip Point Hysteresis Disabled (default)
1
Current Trip Point Hysteresis Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com