전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9908 데이터시트(PDF) 116 Page - STMicroelectronics

부품명 L9908
상세설명  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 데이터시트(HTML) 116 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 112Page - STMicroelectronics L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics L9908 Datasheet HTML 115Page - STMicroelectronics L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics L9908 Datasheet HTML 119Page - STMicroelectronics L9908 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 153 page
background image
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
NSR
CP2_EN_ECHO
RO
13
1
0x1
A
CP1_EN_ECHO
RO
12
1
0x1
A
HB3_EN_ECHO
RO
11
1
0x1
A
HB2_EN_ECHO
RO
10
1
0x1
A
HB1_EN_ECHO
RO
9
1
0x1
A
UNUSED_0
RO
6
3
0x0
A
OPERATION_MODE
000: RESET Mode
001: NVM Read Mode
010: SAFE OFF Mode
011: NORMAL Mode
100: CFG Mode
101: SELF TEST Mode
110: RESET Mode
111: RESET Mode
RO
3
3
0x0
A
PVF3_ECHO
RO
2
1
0x0
A
PVF2_ECHO
RO
1
1
0x0
A
PVF1_ECHO
RO
0
1
0x0
A
Table 113. GEN_TEMP_STATUS
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
GEN_TEMP_STATUS
0x9
UNUSED_5
RO
15
1
0x0
A
NSR
UNUSED_4
RO
14
1
0x0
A
UNUSED_3
RO
13
1
0x0
A
UNUSED_2
RO
12
1
0x0
A
UNUSED_1
RO
11
1
0x0
A
UNUSED_0
RO
10
1
0x0
A
OTM_SD
CR
9
1
0x0
A
OTM_WR
CR
8
1
0x0
A
TEMP_READ
RO
0
8
0x0
A
Table 114. SW_RESET
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
SW_RESET
0xA
UNUSED_7
RO
15
1
0x0
A
NSR
UNUSED_6
RO
14
1
0x0
A
UNUSED_5
RO
13
1
0x0
A
UNUSED_4
RO
12
1
0x0
A
UNUSED_3
RO
11
1
0x0
A
UNUSED_2
RO
10
1
0x0
A
UNUSED_1
RO
9
1
0x0
A
UNUSED_0
RO
8
1
0x0
A
L9908
Serial Peripheral Interface (SPI)
DS13546 - Rev 3
page 116/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More