전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9908 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 L9908
상세설명  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics L9908 Datasheet HTML 39Page - STMicroelectronics L9908 Datasheet HTML 40Page - STMicroelectronics L9908 Datasheet HTML 41Page - STMicroelectronics L9908 Datasheet HTML 42Page - STMicroelectronics L9908 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
Figure 20. Reduced operation fault - Permanent fault timing diagram
5.6.2.4
Warnings
When a warning fault is detected the related SPI flag is set to ‘1’, the IC ERR bits in SPI FRAME are left to ‘00’
and the FS_FLAG is left asserted high.
Disable logic performs no corrective action (SPI configuration bit HBn_DIS remains set as previously configured).
Figure 21. Warning - Transient fault timing diagram
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 39/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More