전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9908 데이터시트(PDF) 134 Page - STMicroelectronics

부품명 L9908
상세설명  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 데이터시트(HTML) 134 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics L9908 Datasheet HTML 135Page - STMicroelectronics L9908 Datasheet HTML 136Page - STMicroelectronics L9908 Datasheet HTML 137Page - STMicroelectronics L9908 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 153 page
background image
Figure 88. WDT Operation – Word sequence failure
In case of failure (WDT_OVF_fail =1 or WDT_DATA_fail =1) the WDT can be reset by setting to10 the SPI
register command WDT_RESET.
Table 150. Watchdog RESET bits
WDT_RST1
WDT_RST0
Description
0
0
NO Reset
0
1
NO Reset (Default)
1
0
Reset
1
1
NO Reset
Note:
This command is processed by the logic only if a failure is detected (WDT_OVF_fail = 1 or WDT_DATA_fail = 1).
The WDT_RESET doesn’t reset the WDT_EN bit but only the error flag: µC needs to refresh the WDT properly
afterwards.
L9908
Window Watchdog Timer (WTD)
DS13546 - Rev 3
page 134/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More