| 전자부품 데이터시트 검색엔진 |
|
L99H02 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99H02 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 51 page ![]() Table 23. Truth table N° Control pins Control bits Failure bits Output pins SPI DO Comment EN DIR PW M TS/ACT_ OFF FW FW_ PAS CP_ LOW OV UV DS_ MON TSD WDTO GH1 GL1 GH2 GL2 GL_E R 1 0 X X X X X X X X X X X RL RL RL RL T Standby mode 2 1 X X X X X X X X X X X RL RL RL RL 1 Power-on reset 31 X X 0 X X 0 0 0 0 0 0 L L L L 0 EXT_TS = 1 (external thermal shutdown) 4 1 X X 0 X X 0 0 0 0 0 0 L L L L 0 EXT_TS = 0 (active Off) 51 X X 1 X X 1 0 0 0 0 0 RL RL RL RL 0 Charge pump voltage too low 6 1 X X 1 X X 0 0 0 0 1 0 RL RL RL RL 1 Internal thermal shutdown 71 X X 1 X X 0 1 0 0 0 0 L L L L 1 VS overvoltage 81 X X 1 X X 0 0 1 0 0 0 L L L L 1 VS undervoltage 91 X X 1 X X 0 0 0 1 0 0 L(1) L(1) L(1) L(1) 0 Short-circuit(1) 10 1 X X 1 X X 0 0 0 0 0 1 L L L L 1 Watchdog time out 11 1 0 1 1 X X 0 0 0 0 0 0 L H H L 0 - 12 1 X 0 1 0 0 0 0 0 0 0 0 L H L H 0 Act. free wheeling mode LS 13 1 0 0 1 0 1 0 0 0 0 0 0 L H L L 0 Pass. free wheeling mode LS 14 1 1 0 1 0 1 0 0 0 0 0 0 L L L H 0 Pass. free wheeling mode LS 15 1 1 1 1 X X 0 0 0 0 0 0 H L L H 0 - 16 1 X 0 1 1 0 0 0 0 0 0 0 H L H L 0 Act. free wheeling mode HS 17 1 0 0 1 1 1 0 0 0 0 0 0 L L H L 0 Pass. free wheeling mode HS 18 1 1 0 1 1 1 0 0 0 0 0 0 H L L L 0 Pass. free wheeling mode HS 1. Only the half bridge (low-side and high-side) where one MOSFET is in short-circuit condition is switched-off. Both MOSFETs of the other half bridge remain active and driven by DIR and PWM. |