전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99LD21 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 L99LD21
상세설명  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 46Page - STMicroelectronics L99LD21 Datasheet HTML 47Page - STMicroelectronics L99LD21 Datasheet HTML 48Page - STMicroelectronics L99LD21 Datasheet HTML 49Page - STMicroelectronics L99LD21 Datasheet HTML 50Page - STMicroelectronics L99LD21 Datasheet HTML 51Page - STMicroelectronics L99LD21 Datasheet HTML 52Page - STMicroelectronics L99LD21 Datasheet HTML 53Page - STMicroelectronics L99LD21 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
SPI functional description
L99LD21
50/73
DS11130 Rev 5
Table 29. Default peak current selection for Buck Cell 1
DEF_DAC1
DAC1 (default value)
IL1_Peak [A]
(HLEDCUR1 = 1)
IL1_Peak [A]
(HLEDCUR1 = 0)
00
100000
0.809
0.402
01
000000
0.362
0.179
10
110001
1.235
0.632
11
111111
1.695
0.849
Table 30. Default VLEDxTOFF Selection for Buck Cell 1
DEF_VLEDTOFF1
VLED_TOFF1
00
1111 (72 V*µs)
01
1011 (40 V*µs)
10
0101 (20 V*µs)
11
0000 (10 V*µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73