전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99LD21 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 L99LD21
상세설명  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 11Page - STMicroelectronics L99LD21 Datasheet HTML 12Page - STMicroelectronics L99LD21 Datasheet HTML 13Page - STMicroelectronics L99LD21 Datasheet HTML 14Page - STMicroelectronics L99LD21 Datasheet HTML 15Page - STMicroelectronics L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics L99LD21 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
DS11130 Rev 5
15/73
L99LD21
Boost controller
72
The effective switching frequency is doubled and the ripple cancellation effect results in a
reduction of the input and output current ripple. This allows small input and output
capacitances.
For an operation in dual-phase configuration, FB, COMP and SYNC_I/O pins must be
respectively connected together as shown in Figure 5.
Figure 5. Pin connections in dual-phase boost controller
One of the L99LD21 must be configured as the master and the other device must be
configured as the slave (see bit <1> on Table 15: CR#2: Control Register 2). The SYNC_I/O
of the master acts as an output, whilst the slave one respectively as an input. The master
boost provides a clock signal to the slave, in order to achieve an interleaved switching
activity of the slave boost controller, which is 180° out of phase to that of the master.
For a proper current balancing between the boost phases, the shunt resistors, which are
placed in series to the source of the mosfets, and the inductors, must be identical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73