| 전자부품 데이터시트 검색엔진 |
|
L9914 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9914 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 13 page ![]() This is information on a product in full production. March 2021 DS4742 Rev 7 1/13 L9914 All silicon automotive voltage regulator Datasheet - production data Features AEC-Q100 qualified High side field driver Thermal protection Field driver short circuit protection RVC interface Overvoltage protection Complex diagnostics Load response control – LRC rate 2.5 s (L9914A) Description The L9914 is a monolithic multifunction generator voltage regulator intended for use in automotive applications. This device regulates the output of an automotive generator by controlling the field winding current by means of a variable frequency PWM high side driver. The setpoint voltage reference is selected by the engine control unit (ECU) via RVC protocol. GAPGPS00017 Multiwatt8 Table 1. Device summary Order code Temp range, C Package Packing L9914A Tj = -40 to +150 Multiwatt8 Tube www.st.com |
유사한 부품 번호 - L9914 |
|
유사한 설명 - L9914 |