전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9914 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L9914
상세설명  All silicon automotive voltage regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9914 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L9914 Datasheet HTML 5Page - STMicroelectronics L9914 Datasheet HTML 6Page - STMicroelectronics L9914 Datasheet HTML 7Page - STMicroelectronics L9914 Datasheet HTML 8Page - STMicroelectronics L9914 Datasheet HTML 9Page - STMicroelectronics L9914 Datasheet HTML 10Page - STMicroelectronics L9914 Datasheet HTML 11Page - STMicroelectronics L9914 Datasheet HTML 12Page - STMicroelectronics L9914 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
L9914
10/13
DS4742 Rev 7
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
3.1
Multiwatt 8 (pin 5 GND) package information
Figure 5. Multiwatt 8 (pin 5GND) package outline
0043696_J_BV
E
B
C
A
H2
G
Z
U
F
G1
H1
S
diam 1
GAPGPS03462



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13