전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM6DSV16BX 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 LSM6DSV16BX
상세설명  iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16BX 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button LSM6DSV16BX Datasheet HTML 8Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 9Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 10Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 11Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 12Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 13Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 14Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 15Page - STMicroelectronics LSM6DSV16BX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
Symbol Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_ODR Linear acceleration output data rate
1.875(10)
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
7.68 k
Hz
G_ODR Angular rate output data rate
7.5
15
30
60
120
240
480
960
1.92 k
3.84 k
7.68 k
TDMBW First -3 dB cut point for accelerometer TDM channel
1
kHz
Vst
Linear acceleration self-test output change(11)(12)
20
1700
mg
Angular rate self-test output change(13)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensitivity values after factory calibration test and trimming.
3. Value after calibration.
4. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited number of samples.
Not measured during final test for production.
5. Gyroscope rate noise density in high-performance mode is independent of the ODR and FS setting. Gyroscope noise density is computed
starting from measured noise RMS and considering BW = ODR/2.
6. Gyroscope RMS noise in low-power mode is independent of the ODR and FS setting.
7. Accelerometer noise density in high-performance mode is independent of the selected ODR and FS. Accelerometer noise density is
computed starting from measured noise RMS and considering BW = ODR/2.
8. Noise density is between 10 Hz and 1 kHz.
9. Accelerometer RMS noise in low-power mode is independent of the ODR and FS setting.
10. This ODR is available when the accelerometer is in low-power mode.
11. The sign of the linear acceleration self-test output change is defined by the ST_XL_[1:0] bits in a dedicated register for all axes.
12. Accelerometer self-test limits are full-scale independent.
13. The sign of the angular rate self-test output change is defined by the ST_G_[1:0] bits in a dedicated register for all axes.
LSM6DSV16BX
Mechanical characteristics
DS13771 - Rev 2
page 12/148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com