전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3613 데이터시트(PDF) 32 Page - Analog Devices

부품명 LTC3613
상세설명  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC3613 데이터시트(HTML) 32 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 27Page - Analog Devices LTC3613 Datasheet HTML 28Page - Analog Devices LTC3613 Datasheet HTML 29Page - Analog Devices LTC3613 Datasheet HTML 30Page - Analog Devices LTC3613 Datasheet HTML 31Page - Analog Devices LTC3613 Datasheet HTML 32Page - Analog Devices LTC3613 Datasheet HTML 33Page - Analog Devices LTC3613 Datasheet HTML 34Page - Analog Devices LTC3613 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
32 of 35
Figure 45. Quad 1.2V/5A, 1.8V/5A, 3.3V/5A, 5V/5A Sequenced Buck Regulator with 8V Input UVLO
(VOUT2/3/4 Enabled by PGOOD1/2/3)
VOUT1
1.2V/5A
VOUT2
1.8V/5A
VOUT3
3.3V/5A
VOUT4
5V/5A
VIN
8V TO 18V
10kΩ
40.2kΩ
226kΩ
10kΩ
10kΩ
10kΩ
10µF
×4
X5R
0805
4.7µF
14kΩ
10kΩ
47µF
×2
X7S
1206
MODE/SYNC
INTVCC
RT
100kΩ
0.6µH
LT7200S
SW1
SVIN
PVIN1
PVIN2
PVIN3
PVIN4
FB1
TRACK1
0.1µF
26.1kΩ
10kΩ
47µF
×2
X7S
1206
1µH
SW2
FB2
TRACK2
0.1µF
56.2kΩ
10kΩ
47µF
×2
X7S
1206
1.2µH
SW3
FB3
TRACK3
0.1µF
90.9kΩ
10kΩ
47µF
×2
X7S
1206
1.5µH
SW4
FB4
TRACK4
0.1µF
fSW = 1MHz
PHMODE
GND
RUN1
RUN2
RUN3
RUN4
ITH1
ITH2
ITH3
ITH4
PGOOD1
PGOOD2
PGOOD3
PGOOD4
L: XEL5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com