전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3613 데이터시트(PDF) 12 Page - Analog Devices

부품명 LTC3613
상세설명  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC3613 데이터시트(HTML) 12 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices LTC3613 Datasheet HTML 10Page - Analog Devices LTC3613 Datasheet HTML 11Page - Analog Devices LTC3613 Datasheet HTML 12Page - Analog Devices LTC3613 Datasheet HTML 13Page - Analog Devices LTC3613 Datasheet HTML 14Page - Analog Devices LTC3613 Datasheet HTML 15Page - Analog Devices LTC3613 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
12 of 35
Figure 22. Switiching Frequency vs VOUT
Figure 23. Switching Frequency vs RT
Figure 24. Switching Frequency vs Temperature
Figure 25. Load Regulation vs Load Current
Figure 26. Regulated FB Voltage vs Temperature
Figure 27. RUN Rising Threshold vs Temperature
RRT = 100kΩ
VOUT (V)
0
2
4
6
8
10
12
0.6
0.8
1.0
1.2
1.4
RT (kΩ)
20
60
100
140
180
220
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RRT = 100kΩ
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
VOUT = 1.2V
IOUT (A)
0
1
2
3
4
5
–0.10
–0.05
0
0.05
0.10
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
490
495
500
505
510
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1.190
1.195
1.200
1.205
1.210
1.215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com