전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3613 데이터시트(PDF) 17 Page - Analog Devices

부품명 LTC3613
상세설명  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LTC3613 데이터시트(HTML) 17 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 13Page - Analog Devices LTC3613 Datasheet HTML 14Page - Analog Devices LTC3613 Datasheet HTML 15Page - Analog Devices LTC3613 Datasheet HTML 16Page - Analog Devices LTC3613 Datasheet HTML 17Page - Analog Devices LTC3613 Datasheet HTML 18Page - Analog Devices LTC3613 Datasheet HTML 19Page - Analog Devices LTC3613 Datasheet HTML 20Page - Analog Devices LTC3613 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
17 of 35
APPLICATIONS INFORMATION
The first page of the data sheet shows a general LT7200S application circuit. External component selection is largely
driven by the target current ripple, load requirement, and switching frequency. Component selection typically begins
with the selection of the inductor L and resistor RRT. Once the inductor is chosen, select the input capacitor, CIN, and
the output capacitor, COUT. Next, select the feedback resistors to set the desired output voltage. Finally, select the
remaining optional external components for functions such as external loop compensation, tracking/soft-start, input
UVLO, and PGOOD.
Programming Switching Frequency
Selection of the switching frequency is a trade-off between efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values. Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger inductance values and/or capacitance to maintain low
output ripple voltage.
Connecting a resistor, RRT, from the RT pin to SGND programs the switching frequency, f, from 400kHz to 3MHz
according to the following formula:
f(Hz) =
1e11
RRT(Ω)
The internal PLL has a synchronization range of ±30% around its programmed frequency. Therefore, during external
clock synchronization be sure that the external clock frequency is within this ±30% range of the RRT programmed
frequency.
Inductor Selection
For a given input voltage, VIN, output voltage, VOUT, the inductor value, L, and operating frequency, f, determine the
ripple current:
∆IL =
VOUT
f x L
x (1 −
VOUT
VIN
)
The inductor current ripple decreases with higher inductor value and higher operating frequency. Lower ripple
current reduces core losses in the inductor, ESR losses in the output capacitors, and output voltage ripple. Highest
efficiency operation is obtained at low frequency with small ripple current. However, achieving this requires a large
inductor. There is a trade-off between component size, efficiency, and operating frequency.
A reasonable starting point is to choose a ripple current that is about 40% of IOUT(MAX), which is around 5A per channel.
Exceeding 60% of IOUT(MAX) is not recommended. Note that the largest ripple current occurs at the highest VIN. To
guarantee that ripple current does not exceed a specified maximum, the inductance should be chosen according to:
L =
VOUT
f x ∆IL(MAX)
(1 −
VOUT
VIN(MAX)
)
Once the value for L is known, select the type of inductor. Actual core loss is independent of core size for a fixed
inductor value, but is very dependent on the inductance selected. As the inductance or frequency increases, core
losses decrease. Unfortunately, increased inductance requires more turns of wire leading to increased DCR and
copper losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com