| 전자부품 데이터시트 검색엔진 |
|
SPC584G80 데이터시트(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80 데이터시트(HTML) 126 Page - STMicroelectronics |
|
126 / 139 page ![]() Ordering information SPC584Gx, SPC58EGx, SPC58NGx 126/139 DS11758 Rev 6 Note: Please contact your ST sales office to ask for the availability of a particular commercial product. Features (for instance, flash, RAM or peripherals) not included in the commercial product cannot be used. ST cannot be called to take any liability for features used outside the commercial product. Table 73. Code Flash options SPC58xG84 (6M) SPC58xG80 (4M) Partition Start address End address 16 16 0 0x00FC0000 0x00FC3FFF 16 16 0 0x00FC4000 0x00FC7FFF 16 16 1 0x00FC8000 0x00FCBFFF 16 16 1 0x00FCC000 0x00FCFFFF 32 32 0 0x00FD0000 0x00FD7FFF 32 32 1 0x00FD8000 0x00FDFFFF 64 64 0 0x00FE0000 0x00FEFFFF 64 64 0 0x00FF0000 0x00FFFFFF 128 128 0 0x01000000 0x0101FFFF 128 128 1 0x01020000 0x0103FFFF 256 256 0 0x01040000 0x0107FFFF 256 256 0 0x01080000 0x010BFFFF 256 256 0 0x010C0000 0x010FFFFF 256 256 0 0x01100000 0x0113FFFF 256 256 0 0x01140000 0x0117FFFF 256 256 0 0x01180000 0x011BFFFF 256 256 0 0x011C0000 0x011FFFFF 256 256 1 0x01200000 0x0123FFFF 256 256 1 0x01240000 0x0127FFFF 256 256 1 0x01280000 0x012BFFFF 256 256 1 0x012C0000 0x012FFFFF 256 256 1 0x01300000 0x0133FFFF 256 256 1 0x01340000 0x0137FFFF 256 256 1 0x01380000 0x013BFFFF 256 NA 5 0x013C0000 0x013FFFFF 256 NA 5 0x01400000 0x0143FFFF 256 NA 5 0x01440000 0x0147FFFF 256 NA 5 0x01480000 0x014BFFFF 256 NA 5 0x014C0000 0x014FFFFF 256 NA 5 0x01500000 0x0153FFFF |