| 전자부품 데이터시트 검색엔진 |
|
STM32L082KB 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L082KB 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 132 page ![]() Pin descriptions STM32L082xx 40/132 DS10688 Rev 7 -- 6 D7 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 4 3 7 D5 NRST I/O - - - - - - C5 PC0 I/O FTf - LPTIM1_IN1, EVENTOUT, TSC_G7_IO1, LPUART1_RX, I2C3_SCL ADC_IN10 - - - C4 PC1 I/O FTf - LPTIM1_OUT, EVENTOUT, TSC_G7_IO2, LPUART1_TX, I2C3_SDA ADC_IN11 - - - E7 PC2 I/O FTf - LPTIM1_IN2, SPI2_MISO/I2S2_MCK, TSC_G7_IO3 ADC_IN12 - 4 8 - VSSA S - - - -- - E6 VREF+ S - - - 55 9 F7 VDDA S - - - 6 6 10 E5 PA0 I/O TTa - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, USART4_TX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/WKUP1 7 7 11 E4 PA1 I/O FT - EVENTOUT, TIM2_CH2, TSC_G1_IO2, USART2_RTS/ USART2_DE, TIM21_ETR, USART4_RX COMP1_INP, ADC_IN1 8 8 12 F6 PA2 I/O FT - TIM21_CH1, TIM2_CH3, TSC_G1_IO3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2 Table 15. STM32L082xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |