| 전자부품 데이터시트 검색엔진 |
|
STM32W108CB 데이터시트(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB 데이터시트(HTML) 79 Page - STMicroelectronics |
|
79 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ System modules Doc ID 16252 Rev 14 79/278 Power CSYSPWRUPACK control register (PWR_CSYSPWRUPACKCR) Address: 0x4000 0040 Reset value: 0x0000 0000 Reserved, must be kept at reset value INHIBIT: Value of CSYSPWRUPACK_INHIBIT (cleared by the power management state machine as part of power-down sequence). Power GPIO wakeup monitoring port A register (PWR_WAKEPAR) Address: 0x4000 BC08 Reset value: 0x0000 0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved INHIBIT rw Bits [31:1] Bit 0 1: Inhibits CSYSPWRUPACK 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 rw rw rw rw rw rw rw rw Bits [31:8] Reserved, must be kept at reset value Bit 7 PA7 1: Enables GPIO wakeup on pin GPIO[ 7] changing state 0: Disables GPIO wakeup on pin GPIO[ 7] changing state Bit 6 PA6 1: Enables GPIO wakeup on pin GPIO[ 6] changing state 0: Disables GPIO wakeup on pin GPIO[ 6] changing state Bit 5 PA5 1: Enables GPIO wakeup on pin GPIO[ 5] changing state 0: Disables GPIO wakeup on pin GPIO[ 5] changing state Bit 4 PA4 1: Enables GPIO wakeup on pin GPIO[ 4] changing state 0: Disables GPIO wakeup on pin GPIO[ 4] changing state |