| 전자부품 데이터시트 검색엔진 |
|
STM32W108CB 데이터시트(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB 데이터시트(HTML) 81 Page - STMicroelectronics |
|
81 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ System modules Doc ID 16252 Rev 14 81/278 Power GPIO wakeup monitoring port C register (PWR_WAKEPCR) Address: 0x4000 BC10 Reset value: 0x0000 0000 Reserved, must be kept at reset value PC7 PC6 PC5 PC4 PC3 PC2 PC1 1: Enables GPIO wakeup on pin GPIO[ 1] changing state 0: Disables GPIO wakeup on pin GPIO[ 1] changing state PC0 Bit 1 PB1 1: Enables GPIO wakeup on pin GPIO[ 1] changing state 0: Disables GPIO wakeup on pin GPIO[ 1] changing state Bit 0 PB0 1: Enables GPIO wakeup on pin GPIO[ 0] changing state 0: Disables GPIO wakeup on pin GPIO[ 0] changing state 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 rw rw rw rw rw rw rw rw Bits [31:8] Bit 7 1: Enables GPIO wakeup on pin GPIO[ 7] changing state 0: Disables GPIO wakeup on pin GPIO[ 7] changing state Bit 6 1: Enables GPIO wakeup on pin GPIO[ 6] changing state 0: Disables GPIO wakeup on pin GPIO[ 6] changing state Bit 5 1: Enables GPIO wakeup on pin GPIO[ 5] changing state 0: Disables GPIO wakeup on pin GPIO[ 5] changing state Bit 4 1: Enables GPIO wakeup on pin GPIO[ 4] changing state 0: Disables GPIO wakeup on pin GPIO[ 4] changing state Bit 3 1: Enables GPIO wakeup on pin GPIO[ 3] changing state 0: Disables GPIO wakeup on pin GPIO[ 3] changing state Bit 2 1: Enables GPIO wakeup on pin GPIO[ 2] changing state 0: Disables GPIO wakeup on pin GPIO[ 2] changing state Bit 1 Bit 0 1: Enables GPIO wakeup on pin GPIO[ 0] changing state 0: Disables GPIO wakeup on pin GPIO[ 0] changing state |