전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32W108CB 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STM32W108CB
상세설명  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 24Page - STMicroelectronics STM32W108CB Datasheet HTML 25Page - STMicroelectronics STM32W108CB Datasheet HTML 26Page - STMicroelectronics STM32W108CB Datasheet HTML 27Page - STMicroelectronics STM32W108CB Datasheet HTML 28Page - STMicroelectronics STM32W108CB Datasheet HTML 29Page - STMicroelectronics STM32W108CB Datasheet HTML 30Page - STMicroelectronics STM32W108CB Datasheet HTML 31Page - STMicroelectronics STM32W108CB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 278 page
background image
Embedded memory
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
28/278
Doc ID 16252 Rev 14
Figure 4.
STM32W108xB memory mapping
Main Flash Block (128kB)
Lower mapping
(Normal Mode)
0
7
0x00000000
0x0001FFFF
RAM (8kB)
mapped onto System
interface
0x20000000
0x20001FFF
RAM bit band
alias region
mapped onto System
interface
(not used)
0x22000000
0x22002000
Flash
RAM
Peripheral
Registers
mapped onto System
interface
Register bit band
alias region
mapped onto System
interface
(not used)
0x40000000
0x40000XXX
0x42000000
0x42002XXX
Not used
Private periph bus (internal)
Not used
Private periph bus (external)
Not used
Not used
Not used
0xE0000000
ITM
DWT
FPB
NVIC
TPIU
ROM table
0xE0001000
0xE0002000
0xE0003000
0xE000E000
0xE000F000
0xE003FFFF
0xE0040000
0xE0041000
0xE0042000
0xE00FF000
0xE00FFFFF
0xE0000000
0x00000000
0x20000000
0x40000000
0x60000000
0xA0000000
0xFFFFFFFF
0xDFFFFFFF
0x9FFFFFFF
0x5FFFFFFF
0x3FFFFFFF
0x1FFFFFFF
Fixed Info Block (2kB)
Customer Info Block (0.5kB)
0x08040000
0x080407FF
0x080409FF
0x08040800
Main Flash Block (128kB)
Upper mapping
(Boot mode)
0x08000000
0x0801FFFF
Fixed Info Block (2kB)
Optional boot mode
maps Fixed Info Block
to the start of memory
0x000007FF
Not used
Not used
Ai15259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More