전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32W108CB 데이터시트(PDF) 101 Page - STMicroelectronics

부품명 STM32W108CB
상세설명  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB 데이터시트(HTML) 101 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 97Page - STMicroelectronics STM32W108CB Datasheet HTML 98Page - STMicroelectronics STM32W108CB Datasheet HTML 99Page - STMicroelectronics STM32W108CB Datasheet HTML 100Page - STMicroelectronics STM32W108CB Datasheet HTML 101Page - STMicroelectronics STM32W108CB Datasheet HTML 102Page - STMicroelectronics STM32W108CB Datasheet HTML 103Page - STMicroelectronics STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose input/output
Doc ID 16252 Rev 14
101/278
8.5.9
External interrupt x configuration register (EXTIx_CR)
Address offset: 0xBC14 (EXTIC_CR) and 0xBC18 (EXTID_CR)
Reset value:
0x0000 000F (EXTIC_CR) and 0x0000 0010 (EXTID_CR)
Reserved, must be kept at reset value
SEL_GPIO[4:0]: Pin assigned to EXTIx
0x0D: PB5
0x0E: PB6
0x0F: PB7
0x10: PC0
0x11: PC1
0x12: PC2
0x13: PC3
0x14: PC4
0x15: PC5
0x16: PC6
0x17: PC7
0x18 - 0x1F: Reserved, must be kept at reset value
8.5.10
PC TRACE or debug select register (GPIO_PCTRACECR)
Address offset: 0x4000 4028
Reset value:
0x0000 0000
Reserved, must be kept at reset value
SEL: Channel encoding
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SEL_GPIO[4:0]
rw
rw
rw
rw
rw
Bits [31:5]
Bits [4:0]
0x00: PA0
0x01: PA1
0x02: PA2
0x03: PA3
0x04: PA4
0x05: PA5
0x06: PA6
0x07: PA7
0x08: PB0
0x09: PB1
0x0A: PB2
0x0B: PB3
0x0C: PB4
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SEL
rws
Bits [31:1]
Bit 0
1: PC trace
0: BB debug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More