전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MFS5600AMMA0ES 데이터시트(PDF) 17 Page - NXP Semiconductors

부품명 MFS5600AMMA0ES
상세설명  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES 데이터시트(HTML) 17 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 13Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 14Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Switching
frequency
Output voltage
Output
capacitance
OTP_SW1_
SLOPECOMP[1:0]
OTP_SW1_PWM_
R_COMP[2:0]
OTP_SW1_GM_
COMP[1:0]
450 kHz
7.2 V
2 x 22 μF
10
000
10
450 kHz
7.2 V
5 x 22 μF
10
000
10
2.2 MHz
7.2 V
2 x 22 μF
10
010
10
2.2 MHz
7.2 V
5 x 22 μF
10
100
10
Table 14. SW1 compensation selection...continued
OTP_SW1_SLOPECOMP[1:0]
Slope compensation (mV/µs)
00
45
01
67.5
10
90
11
112.5
Table 15. OTP_SW1_SLOPECOMP[1:0] Value
OTP_SW1_GM_COMP[1:0]
Transconductance (µS)
00
14
01
21
10
28
11
35
Table 16. OTP_SW1_GM_COMP[1:0] Value
OTP_SW1_PWM_R_COMP[2:0]
Compensation resistor (kΩ)
000
150
001
300
010
450
011
600
100
750
101
900
110
1050
111
1200
Table 17. OTP_SW1_PWM_R_COMP[2:0] Value
11.3.7 SW1 fault monitoring
The SW1FB pin voltage is compared against an internal reference to detect undervoltage
and overvoltage faults in SW1. See Table 8 for monitoring thresholds.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
17 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com