전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MFS5600AMMA0ES 데이터시트(PDF) 41 Page - NXP Semiconductors

부품명 MFS5600AMMA0ES
상세설명  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES 데이터시트(HTML) 41 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 38Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 39Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 40Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 41Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 42Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
WD_WINDOW[3:0]
Watchdog window period
1110
512 ms
1111
1024 ms
Table 38. Watchdog window period configuration...continued
The duty cycle of the watchdog window is configurable from 31.25 % to 68.75 % with the
WDW_DC [2:0] bits. The new duty cycle is effective after the next watchdog refresh.
WDW_DC [2:0]
CLOSED window
OPEN window
000
31.25 %
68.75 %
001
37.5 %
62.5 %
010 (default)
50 %
50 %
011
62.5 %
37.5 %
100
68.75 %
31.25 %
Others
50 %
50 %
Table 39. Watchdog window duty cycle configuration
17.3.1 Simple watchdog
The simple watchdog uses a seed value that must be used to ‘pet’ the watchdog. The
MCU can send its own seed in WD_SEED register or use the default seed value 0x5AB2.
This seed must be written in the WD_ANSWER register during the OPEN watchdog
window.
When the result is right, the watchdog window is restarted. When the result is wrong,
a watchdog error counter is incremented and the watchdog window is restarted. See
Section 17.3.3 for watchdog error counter.
In case the watchdog answer from MCU is wrong, the “WD_BAD_DATA” bit is set to 1. In
case the watchdog answer (temporal domain) is wrong (timeout or refresh during closed
window), the “WD_BAD_TIMING” bit is set to 1.
In the simple watchdog configuration, it is not possible to write 0xFFFF and 0x0000 to the
WD_SEED register. A communication error (I2C_REQ_ERR = 1) is reported if writes of
0x0000 and 0xFFFF are attempted.
17.3.2 Challenger watchdog
The challenger watchdog is based on a question/answer process with the MCU. A 16-
bit pseudo-random word is generated by implementing a Linear Feedback Shift Register
(LFSR) in the FS5600. The MCU can send the seed of the LFSR or use the LFSR
generated by the FS600 and will perform a pre-defined calculation. The result should
be sent through I2C during the OPEN watchdog window and is verified by the FS5600.
When the result is right, the watchdog window is restarted and a new LFSR is generated.
When the result is wrong, the WD error counter is incremented, the watchdog window is
restarted and the LFSR value is not changed.
In case the watchdog answer from MCU is wrong, the “WD_BAD_DATA” bit is set to 1. In
case the watchdog answer (temporal domain) is wrong (timeout or refresh during closed
window), the “WD_BAD_TIMING” bit is set to 1.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
41 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com