전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MFS5600AMMA0ES 데이터시트(PDF) 23 Page - NXP Semiconductors

부품명 MFS5600AMMA0ES
상세설명  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES 데이터시트(HTML) 23 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
When R1 and C1 are selected in such a way that the RC time constant is equal to the
ratio of inductance and its series resistance, the voltage across C1 is directly proportional
to the inductor current.
R1 × C1 = LSW2 / RDCR
Select R1 = a resistor in the kΩ range or C1 = a capacitor in the range of several hundred
nF, and calculate the other components.
Example: For an inductor L = 4.7 μH and RDCR = 7 mΩ, R1 = 6.7 kΩ and C1 = 100 nF.
With OTP_SW2_ILIM = 0b11, the minimum SW2CSP-SW2CSN voltage where a current
limit occurs is 150 mV. With 7 mΩ DCR, this is equivalent to a peak current limit of 150
mV / 7 mΩ = 21.4 A.
To maintain a proper signal-to-noise ratio, choose an inductor with a DCR of at least 6
mΩ.
12.2.2 Output voltage selection
Output voltage of SW2 may be set via OTP using the OTP_SW2_VOLT[5:0] bits.
OTP_SW2_VOLT[5:0] = 0b111000 configures the device to use an external resistor
divider to set the output voltage. Use the same equation for the external divider as for
SW1.
OTP_SW2_VOLT[5:0]
SW2 voltage setting (V)
000000
1.8
000001
1.9
000010
2
000011
2.1
000100
2.2
000101
2.3
000110
2.4
000111
2.5
001000
2.6
001001
2.7
001010
2.8
001011
2.9
001100
3
001101
3.1
001110
3.2
001111
3.3
010000
3.4
010001
3.5
010010
3.6
010011
3.7
Table 22. OTP_SW2_VOLT[5:0] Selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
23 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com