전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-3OS2D2 데이터시트(PDF) 29 Page - SICK AG

부품명 UE48-3OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 데이터시트(HTML) 29 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 25Page - SICK AG UE48-3OS2D2 Datasheet HTML 26Page - SICK AG UE48-3OS2D2 Datasheet HTML 27Page - SICK AG UE48-3OS2D2 Datasheet HTML 28Page - SICK AG UE48-3OS2D2 Datasheet HTML 29Page - SICK AG UE48-3OS2D2 Datasheet HTML 30Page - SICK AG UE48-3OS2D2 Datasheet HTML 31Page - SICK AG UE48-3OS2D2 Datasheet HTML 32Page - SICK AG UE48-3OS2D2 Datasheet HTML 33Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
2 9
ue23-3mf
detailed technical data
General data
Safety-related parameters
Safety integrity level SILCL2 (EN 62061)
Category Category 3 (EN ISO 13849)
Performance level PL d (EN ISO 13849)
B
10d parameter
3 x 105 switching cycles (AC-15, 230 V, I = 5 A)
2 x 106 switching cycles (DC-15, 230 V, I = 2 A)
7 x 106 switching cycles (DC-13, 24 V, I = 1 A)
PFHd (mean probability of a dangerous failure
per hour)
1.0 x 10-6 (EN ISO 13849)
T
M (mission time)
20 years (EN ISO 13849)
Stop category
0 (EN 60204-1)
Electrical data
General electrical data
ue23-3mf2a3
ue23-3mf2d2
Supply voltage
A1, A2
230 V AC (196 V AC ... 253 V AC)
24 V DC (19.2 V DC ... 30 V DC)
Power consumption
≤ 3 VA
≤ 1 W
residual ripple
–
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of V
S.
Control voltage: Y1 - Y2 - Y3
ue23-3mf2a3
ue23-3mf2d2
control voltage
≤ 40 V DC
U
V - 2 V DC ... UV
control current
≤ 20 mA
Short-circuit current
≤ 250 mA
fuse
8 A gG, with tripping characteristics B or C
reset time
Manual
≤ 70 ms
Automatic
≤ 600 ms
Galvanized decoupling
l
–
Electrical output circuits: 13 - 14, 23 - 24, 31 - 32
response time
≤ 80 ms 1)
number of enable current (n/o) contacts
3, relevant for safety
number of signalling current (n/c) contacts 1, not safety-relevant
contact type
Positively driven
contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact 5 V AC ... 230 V AC / 5 V DC ... 300 V DC
Signalling current contact 5 V AC ... 230 V AC / 5 V DC ... 300 V DC
Switching current
Enable current contact 10 mA ... 8 A
Signalling current contact 10 mA ... 5 A
1)
K1/K2.
Table continued g p. 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com