전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-3OS2D2 데이터시트(PDF) 36 Page - SICK AG

부품명 UE48-3OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 데이터시트(HTML) 36 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 32Page - SICK AG UE48-3OS2D2 Datasheet HTML 33Page - SICK AG UE48-3OS2D2 Datasheet HTML 34Page - SICK AG UE48-3OS2D2 Datasheet HTML 35Page - SICK AG UE48-3OS2D2 Datasheet HTML 36Page - SICK AG UE48-3OS2D2 Datasheet HTML 37Page - SICK AG UE48-3OS2D2 Datasheet HTML 38Page - SICK AG UE48-3OS2D2 Datasheet HTML 39Page - SICK AG UE48-3OS2D2 Datasheet HTML 40Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
3 6
ue42-2Hd
Internal circuitry
A1 A2
Y1 Y2 Y11 Y12 Y14
13 23 31
Y21 Y22 Y24
14
24
32
K1
K2
Feedback
Channel 2
Channel 1
Control-Logic
Function
The UE42-2HD unit corresponds to EN 574 type III C. To release
the outputs, the two inputs (e.g., two-hand pushbuttons) must
be actuated within 0.5 sec.
After applying the supply voltage to terminals A1 - A2, the LED
SUPPLY illuminates to indicate that electrical power is present.
Pressing the two-hand pushbuttons S1 and S2 at the same
time (see connection diagrams) closes the two normally open
contacts. Releasing one of the buttons will cause the circuits to
open.
A renewed attempt to initiate starting is only possible if both
start buttons are set to their nominal start position (for two-
hand pushbuttons units: if both have been released) and the
normally closed contact is closed.
External device monitoring (EDM)
The UE42-2HD can take over the function of external device
monitoring. The normally closed contacts of the external relays
are switched in series and connected to terminals Y1 - Y2.
Automatic start
The UE42-2HD has an automatic start facility.
Monitoring of simultaneous activation
The pressing of the start buttons at the same time is moni-
tored. Only when both start buttons are activated within 0.5
sec do normally open contacts close and the normally closed
contact opens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com