전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-3OS2D2 데이터시트(PDF) 59 Page - SICK AG

부품명 UE48-3OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 데이터시트(HTML) 59 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 55Page - SICK AG UE48-3OS2D2 Datasheet HTML 56Page - SICK AG UE48-3OS2D2 Datasheet HTML 57Page - SICK AG UE48-3OS2D2 Datasheet HTML 58Page - SICK AG UE48-3OS2D2 Datasheet HTML 59Page - SICK AG UE48-3OS2D2 Datasheet HTML 60Page - SICK AG UE48-3OS2D2 Datasheet HTML 61Page - SICK AG UE48-3OS2D2 Datasheet HTML 62Page - SICK AG UE48-3OS2D2 Datasheet HTML 63Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
5 9
ue44-3Sl
detailed technical data
General data
Safety-related parameters
Safety integrity level SILCL3 (EN 62061) 1)
SILCL2 (EN 62061) 2)
Category Category 4 (EN ISO 13849) 1)
Category 3 (EN ISO 13849) 2)
Performance level PL e (EN ISO 13849) 1)
PL d (EN ISO 13849) 2)
B
10d parameter
4 x 105 switching cycles (with maximum load)
PFHd (mean probability of a dangerous failure
per hour)
3.0 x 10-8 (EN ISO 13849) 1)
2.0 x 10-8 (EN ISO 13849) 2)
T
M (mission time)
5 years (EN ISO 13849)
Stop category
0 (EN 60204-1)
1)
For contacts 13/14, 23/24.
2)
For time contacts 37/38.
Electrical data
General electrical data
Voltage supply
A1, A2
Output circuit > 25 V AC / 60 V DC PELV
Output circuit ≤ 25 V AC / 60 V DC PELV or SELV
Supply voltage
A1, A2
24 V DC (20.4 V DC ... 26.4 V DC)
Power consumption
1.8 W (DC)
residual ripple
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of Vs.
Control voltage: S11/S33, S21
control voltage
22 V DC
control current
60 mA
Short-circuit current
≤ 2.2 A, between S33/S11 and S21
fuse
PTC resistor
Input circuits: S12, S31/S22
Input current
25 mA
reset time
Manual ≤ 30 ms
Automatic ≤ 750 ms
activation time of reset button
≥ 250 ms
Synchronous time monitoring
≤ 500 ms
cable resistance
≤ 85 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com