| 전자부품 데이터시트 검색엔진 |
|
STM32H757AI 데이터시트(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H757AI 데이터시트(HTML) 74 Page - STMicroelectronics |
|
74 / 251 page ![]() Pin descriptions STM32H757xI 74/251 DS12931 Rev 1 H5 M10 86 102 U14 PB13 I/O FT_ u - TIM1_CH1N, LPTIM2_OUT, SPI2_SCK/I2S2_CK, DFSDM1_CKIN1, USART3_CTS/USART3 _NSS, FDCAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_R MII_TXD1, UART5_TX, EVENTOUT OTG_HS_VBUS M3 N11 87 103 U15 PB14 I/O FT_ u - TIM1_CH2N, TIM12_CH1, TIM8_CH2N, USART1_TX, SPI2_MISO/I2S2_SDI, DFSDM1_DATIN2, USART3_RTS/USART3 _DE, UART4_RTS/ UART4_DE, SDMMC2_D0, OTG_HS_DM, EVENTOUT - M2 M11 88 104 T15 PB15 I/O FT_ u - RTC_REFIN, TIM1_CH3N, TIM12_CH2, TIM8_CH3N, USART1_RX, SPI2_MOSI/I2S2_SDO, DFSDM1_CKIN2, UART4_CTS, SDMMC2_D1, OTG_HS_DP, EVENTOUT - G5 N12 89 105 U16 PD8 I/O FT_ h - DFSDM1_CKIN3, SAI3_SCK_B, USART3_TX, SPDIFRX1_IN2, FMC_D13/FMC_DA13, EVENTOUT - Table 8. STM32H757xI pin/ball definition (continued) Pin/ball name Pin name (function after reset) Alternate functions Additional functions |