전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DOM44S6V2G 데이터시트(PDF) 9 Page - Hanbit Electronics Co.,Ltd

부품명 DOM44S6V2G
상세설명  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HANBIT [Hanbit Electronics Co.,Ltd]
홈페이지  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V2G 데이터시트(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button DOM44S6V2G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
9 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
This register contains the numbers of sectors of data requested to be transferred on a read or
write operation between the host and the CompactFlash Storage Card. If the value in this register is zero, a count
of 256 sectors is specified. If the command was successful, this register is zero at command completion. If not
successfully completed, the register contains the number of sectors that need to be transferred in order to
complete the request.
BIT DESCRIPTION-
7
6
5
4
3
2
1
0
Sector Count
5) Sector Number (LBA 7-0) Register(Address–1F3h[173h];Offset 3)
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA)
for any CompactFlash Storage Card data access for the subsequent command.
BIT DESCRIPTION - CHS
7
6
5
4
3
2
1
0
Sector (7: 0)
LBA
7
6
5
4
3
2
1
0
LBA (7 : 0)
6) Cylinder Low (LBA 15-8 )Register (Address–1F4h[174h];Offset 4)
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of the
Logical Block Address.
DIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 7: 0 )
LBA
7
6
5
4
3
2
1
0
LBA ( 15 : 8 )
7) Cylinder High(LBA 23–16)Register(Address–1F5h[175h]; Offset 6)
This register contains the high order bits of the starting cylinder address or bits 23-16 of the
Logical Block Address.
BIT DESCRIPTION-
CHS
7
6
5
4
3
2
1
0
Cylinder ( 15 :8 )
LBA
7
6
5
4
3
2
1
0
LBA ( 23 : 16 )
8) Status/Alternate Status Register(Address 1F7h[177h]/3F6h[376h];Offset 7/ Eh)
These registers return the CompactFlash Storage Card status when read by the host. Reading
the Status register does clear a pending interrupt, while reading the Alternate Status register does not. The status
bits are described as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com