전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DOM44S6V2G 데이터시트(PDF) 13 Page - Hanbit Electronics Co.,Ltd

부품명 DOM44S6V2G
상세설명  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HANBIT [Hanbit Electronics Co.,Ltd]
홈페이지  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V2G 데이터시트(HTML) 13 Page - Hanbit Electronics Co.,Ltd

Back Button DOM44S6V2G Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 14Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 15Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
13 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
X
Feature(1)
X
Execute Drive Diagnostic
This command performs the internal diagnostic tests implemented by the CompactFlash Storage Card.
If in PCMCIA configuration this command runs only on the CompactFlash Storage Card which is addressed by the
Drive/Head register when the diagnostic command is issued. This is because PCMCIA card interface does not
allows for direct inter-drive communication (such as the ATA PDIAG and DASP signals). If in True IDE Mode the
Drive bit is ignored and the diagnostic command is executed by both the Master and the Slave with the Master
responding with status for both devices.
The Diagnostic codes shown in Table 39 are returned in the Error Register at the end of the
command.
Diagnostic Codes
Code
ERROR TYPE
01h
No Error Detected
02h
Formatter Device Error
03h
Sector Buffer Error
04h
ECC Circuitry Error
05h
Controlling Microprocessor Error
8Xh
Slave Error in True IDE Mode
Erase Sector(s) – C0h
Bit->
7
6
5
4
3
2
1
0
Command(7)
C0h
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27-24)
Cyl High(5)
Cylinder High (LBA 23-16)
Cyl Low(4)
Cylinder Low (LBA 15-8)
Sec Num(3)
Sector Number (LBA 7-0 )
Sec Cnt(2)
Sector Count
Feature(1)
X
Erase Sector
This command is used to pre-erase and condition data sectors in advance of a Write without
Erase or Write Multiple without Erase command. There is no data transfer associated with this
command but a Write Fault error status can occur.
Format Track - 50h
Bit->
7
6
5
4
3
2
1
0
Command(7)
50h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com