전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DOM44S6V2G 데이터시트(PDF) 4 Page - Hanbit Electronics Co.,Ltd

부품명 DOM44S6V2G
상세설명  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HANBIT [Hanbit Electronics Co.,Ltd]
홈페이지  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V2G 데이터시트(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  DOM44S6V2G Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM44S6V2G Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
4 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
2. PIN INFORMATION
PIN ASSIGNMENTS AND PIN TYPE
Table 2.1 Pin Assignment and Pin type
Pin
Pin
IDE
Signal
Pin Type
IDE
Signal
Pin Type
1
/RESET
I
2
GND
Ground
3
D07
I/O
4
D08
I/O
5
D06
I/O
6
D09
I/O
7
D05
I/O
8
D10
I/O
9
D04
I/O
10
D11
I/O
11
D03
I/O
12
D12
I/O
13
D02
I/O
14
D13
I/O
15
D01
I/O
16
D14
I/O
17
D00
I/O
18
D15
I/O
19
GND
DC
20
NC
--
21
NC
--
22
GND
Ground
23
/IOW
I
24
GND
Ground
25
/IOR
I
26
GND
Ground
27
IORDY
O
28
NC
--
29
NC
--
30
GND
Ground
31
IRQ
O
32
/IOIS16
O
33
A01
I
34
/PDIAG
I/O
35
A00
I
36
A02
I
37
/CS0
I
38
/CS1
I
39
/DASP(LED)
I/O
40
GND
Ground
41
VCC
Power
42
VCC
Power
43
GND
Ground
44
NC
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com