전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CALE-48 데이터시트(PDF) 1 Page - DIWELL Electronics Co., Ltd.

부품명 CALE-48
상세설명  Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIWELL [DIWELL Electronics Co., Ltd.]
홈페이지  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CALE-48 데이터시트(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  CALE-48 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DANUBE
http://www.danube.com.tw
2016/09/23
1
FEATURES
EFFICIENCY UP TO 96%
CONSTANT CURRENT LED DRIVER
WIDE INPUT AND OUTPUT VOLTAGE
RANGE
INPUT VOLTAGE UP TO 52V
PWM DIMMING CONTROL
SHORT CIRCUIT AND
OVERTEMPERATURE PROTECTED
INTERNAL SMD TECHNOLOGY
FULLY ISOLATED PLAST2C CASE WITH
IP67 LEVEL
UL 94V-0 PACKAGE MATERIAL
RoHS COMPLIANT
3 YEARS WARRANTY
 DESCRIPTION
CALE-48 series is a high efficiency, constant current and step-down DC/DC
converter. The LED DRIVER operates from an input voltage 9Vdc to 52Vdc and
provides an externally adjustable output current of up to 1500mA and output power
up to 54 watts. It is able to include the function of Over temperature protection(OTP),
Over current protection(OCP), PWM/Digital Dimming and ON/OFF.
The device can extensively be used for Landscape illumination, Special illumination,
Back light source, Commercial illumination, Street light illumination, Home use
illumination and Automobile illumination etc.
 SELECTION GUIDE
MODEL
NUMBER
INPUT
NOMINAL
VOLTAGE
(VDC)
INPUT
VOLTAGE
RANGE
(VDC)
OUTPUT
VOLTAGE
RANGE
(VDC)
OUTPUT
CURRENT
RANGE
(mA)
DIMMING
CONTROL
EFF
(%,Typ.)
CALE-48-1.00D(W)
48
9-52
2-46
0-1000
PWM
96
CALE-48-1.20D(W)
48
9-52
2-46
0-1200
PWM
96
CALE-48-1.50D(W)
48
9-52
2-46
0-1500
PWM
96
CALE-48 SERIES
Constant Current LED Driver


유사한 부품 번호 - CALE-48

제조업체부품명데이터시트상세설명
logo
Protek Devices
CAL PROTEC-CAL Datasheet
493Kb / 7P
400 Watt TVS component
logo
Omega Engineering, Inc.
CAL-3 OMEGA-CAL-3 Datasheet
477Kb / 2P
All stainless steel transducer multimedia compatibility High-Performance Silicon technology
logo
List of Unclassifed Man...
CAL-3-IR ETC-CAL-3-IR Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
CAL-A522.5792TS ETC2-CAL-A522.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
CAL-A5BP22.5792TS ETC2-CAL-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
More results

유사한 설명 - CALE-48

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com