전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CALE-48 데이터시트(PDF) 3 Page - DIWELL Electronics Co., Ltd.

부품명 CALE-48
상세설명  Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIWELL [DIWELL Electronics Co., Ltd.]
홈페이지  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CALE-48 데이터시트(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  CALE-48 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DANUBE
http://www.danube.com.tw
2016/09/23
3
 PWM DIMMING AND ON/OFF CONTROL(Leave open if not use)
Project
Working Condition
Min.
Typ.
Max.
Unit
ON/OFF Control
ON
(DIM ~ -VIN)
2.5
FLOAT
6
VDC
OFF
(DIM ~ -VIN)
0
0.8
VDC
Quiescent Input Current in
Shutdown Mode
Vin=24
1
mA
PWM Frequency
For Linear Operation
100
1K
Hz
(measured 1%~100% Dimming)
 PWM DIMMING AND ON/OFF CONTROL(measured 1%~100% Dimming)
0
25
50
75
100
0
25
50
75
100
DIMMING DUTY RATIO(%)
The dimming of LEDs can be performed by applying PWM signals to DIM pin.
The following Fig.1 show good linearity in dimming application of CALE Series
A logic low(below 0.8V) at DIM PIN will disable the device and shut off the current flow to the LED array.
Fig.1 Dimming Duty Cycle:1%-100%



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com