전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CALE-48 데이터시트(PDF) 2 Page - DIWELL Electronics Co., Ltd.

부품명 CALE-48
상세설명  Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIWELL [DIWELL Electronics Co., Ltd.]
홈페이지  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CALE-48 데이터시트(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  CALE-48 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CALE-48 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DANUBE
http://www.danube.com.tw
2016/09/23
2
 PARTNUMBES STRUCTURE
Series
Coding Scheme
CALE-48
Series
CALE-x1-x.x2y1zzz
CALE = Series Name
x1 = Input Voltage
x.x2 = Output Current
y1=Package Style(D=PINS)(W=WIRED)
Zzz = 0~9,A~Z or blank for market purpose.
SPECIFICATIONS
( Typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Project
Working Condition
Min.
Typ.
Max.
Unit
Input Voltage(absolute maximum)
52
VDC
Recommended Input Voltage
9
48
52
VDC
Input Filter
Capacitor
Output Voltage range
Vin=52V
2
46
VDC
Output Current Accuracy
Vin=48V,10LEDS
±4
±6
%
Output Current Stability
Vin=48V,1LED to 10LEDS
±4
±6
%
Maximum Capacitive Load
10
uF
Operating Frequency
1000
KHz
Short Circuit Protection
Continuous
Temperature Coefficient
-40°C~+71°C ambient
±0.03
%°C
Operating Temperature
1000mA/1200mA
-40
71
°C
1500mA
-40
65
°C
Storage Temperature
-55
125
°C
Humidity(D) (W)
95
%
Over Temperature Shutdown
(Auto-restart after cool down)
Internal IC Temperature
155
°C
Temperature Hysteresis
30
°C
Maximum Case Temperature
105
°C
MTBF (using MIL-HDBK 217F)
Operating Temperature 25°C
2000000
Hours
Case Material
Non Conductive plastic
Potting Material
Epoxy (UL94V-0)
Case Size(D)(W)
31.8*20.3*12.2
mm
Weight(D)
15.6
g
Weight(W)
18
g
EMI Radiated Emissions
EN55015
Dust Test & Waterproof Test (D) (W)
IP67



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com