| 전자부품 데이터시트 검색엔진 |
|
STLC2500ATR 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2500ATR 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 37 page ![]() Pinout STLC2500A 14/37 VDD_RF B05 Internal supply decoupling VSS_DIG A01 Digital ground D03 E03 G03 H04 H05 H06 H07 H08 VSS_ANA A02 Analogue ground B03 B06 B09 B10 C04 C05 C07 C08 D08 E08 E09 F08 G09 VSS_RF A04 RF ground A07 1. See also pin VDD_CLD in Table 2. Should be strapped to VDD_IO_A if not used 3. Should be strapped to VSS_DIG if not used Table 12. STLC2500A pin list (functional and supply) Name Pin # Description DIR Reset Default after reset VDD_ IO_x |