| 전자부품 데이터시트 검색엔진 |
|
AX88780 데이터시트(PDF) 32 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88780 데이터시트(HTML) 32 Page - ASIX Electronics Corporation |
|
32 / 49 page ![]() AX88780 internal watch dog counter. The threshold {[DOGTHD1, DOGTHD0] is a 24-bit value. To multiply 24-bit value with cycle period of a host clock is the duration. 4.46 DOGTHD1—Watch Dog timer Threshold1 Register Address = FCE4h Default = 32’h0000_0000 Field Name Type Default Description 31:8 - R All 0’s Reserved 7:0 DOGTH1 R/W 8’h0 Dog Timer High Byte. This filed and DOGTHD0[15:0] combine to a 24-bit field. 32 ASIX ELECTRONICS CORPORATION |