전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATECC608A 데이터시트(PDF) 69 Page - Microchip Technology

부품명 ATECC608A
상세설명  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A 데이터시트(HTML) 69 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 65Page - Microchip Technology ATECC608A Datasheet HTML 66Page - Microchip Technology ATECC608A Datasheet HTML 67Page - Microchip Technology ATECC608A Datasheet HTML 68Page - Microchip Technology ATECC608A Datasheet HTML 69Page - Microchip Technology ATECC608A Datasheet HTML 70Page - Microchip Technology ATECC608A Datasheet HTML 71Page - Microchip Technology ATECC608A Datasheet HTML 72Page - Microchip Technology ATECC608A Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
9.
Package Drawings
9.1
Package Marking Information
As part of Microchip’s overall security features, the part marking for all crypto devices is intentionally vague. The
marking on the top of the package does not provide any information as to the actual device type or the manufacturer
of the device. The alphanumeric code on the package provides manufacturing information and will vary with
assembly lot. The packaging mark should not be used as part of any incoming inspection procedure.
ATECC608A-TNGLoRaWAN
Package Drawings
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81