전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMCP9801A0-M/OTG 데이터시트(PDF) 3 Page - Microchip Technology

부품명 AMCP9801A0-M/OTG
상세설명  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/OTG 데이터시트(HTML) 3 Page - Microchip Technology

  AMCP9801A0-M/OTG Datasheet HTML 1Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 2Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 3Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 4Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 5Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 6Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 7Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 8Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 3
MCP9800/1/2/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.0V
Voltage at all Input/Output pins .....GND – 0.3V to 5.5V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
Junction Temperature (TJ) ................................. 150°C
ESD protection on all pins (HBM:MM) .......(4 kV:400V)
Latch-Up Current at each pin........................ ±200 mA
†Notice:
Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, and
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
2.7
—
5.5
V
Operating Current
IDD
—
200
400
µA
Continuous Operation
Shutdown Current
ISHDN
—
0.1
1
µA
Shutdown mode
Power-on-Reset Threshold (POR)
VPOR
—1.7
—
V
VDD falling edge
Line Regulation
Δ°C/ΔV—
0.2
—
°C/V
VDD = 2.7V to 5.5V
Temperature Sensor Accuracy
Accuracy with 12-bit Resolution:
TA = +25°C
TACY
—±0.5
—
°C
VDD = 3.3V
-10°C < TA  +85°C
TACY
-1.0
—
+1.0
°C
VDD = 3.3V
-10°C < TA  +125°C
TACY
-2.0
—
+2.0
°C
VDD = 3.3V
-55°C < TA  +125°C
TACY
-3.0
—
+3.0
°C
VDD = 3.3V
Internal
 ADC
Conversion Time:
9-bit Resolution
tCONV
—
30
75
ms
33 samples/sec (typical)
10-bit Resolution
tCONV
—
60
150
ms
17 samples/sec (typical)
11-bit Resolution
tCONV
—
120
300
ms
8 samples/sec (typical)
12-bit Resolution
tCONV
—
240
600
ms
4 samples/sec (typical)
Alert Output (Open-drain)
High-level Current
IOH
——
1
µA
VOH = 5V
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
Thermal Response
Response Time
tRES
—
1.4
—
s
Time to 63% (89°C)
27°C (Air) to 125°C (oil bath)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com