전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMCP9801A0-M/OTG 데이터시트(PDF) 7 Page - Microchip Technology

부품명 AMCP9801A0-M/OTG
상세설명  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/OTG 데이터시트(HTML) 7 Page - Microchip Technology

Back Button AMCP9801A0-M/OTG Datasheet HTML 3Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 4Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 5Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 6Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 7Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 8Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 9Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 10Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 7
MCP9800/1/2/3
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-1:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-2:
Average Temperature
Accuracy vs. Ambient Temperature.
FIGURE 2-3:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-4:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-5:
Supply Current vs. Ambient
Temperature.
FIGURE 2-6:
Shutdown Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD= 3.3V
Spec. Limits
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
11-Bit
12-Bit
9-Bit
10-Bit
VDD = 3.3V
160 Samples
Resolution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Temperature Accuracy (°C)
TA = +25°C
VDD = 3.3V
5 lots
32 Samples/lot
160 Samples
50
100
150
200
250
300
350
400
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
0
0.2
0.4
0.6
0.8
1
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com