전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMCP9801A0-M/OTG 데이터시트(PDF) 8 Page - Microchip Technology

부품명 AMCP9801A0-M/OTG
상세설명  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A0-M/OTG 데이터시트(HTML) 8 Page - Microchip Technology

Back Button AMCP9801A0-M/OTG Datasheet HTML 4Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 5Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 6Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 7Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 8Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 9Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 10Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 11Page - Microchip Technology AMCP9801A0-M/OTG Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 8
 2010 Microchip Technology Inc.
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-7:
ALERT and SDA IOL vs.
Ambient Temperature.
FIGURE 2-8:
ALERT and SDA Output
VOL vs. Ambient Temperature.
FIGURE 2-9:
MCP980X Thermal
Response vs Time.
6
12
18
24
30
36
42
48
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
VOL = 0.6V
0
0.1
0.2
0.3
0.4
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
IOL = 3mA
5
25
45
65
85
105
125
145
-2
0
2468
10
12
14
16
18
20
Time (s)
SOIC
Average of 10 samples per package
27°C (Air) to 125°C (Oil bath)
MSOP
SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com