| 전자부품 데이터시트 검색엔진 |
|
UPSD3422EB40U6 데이터시트(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 데이터시트(HTML) 137 Page - STMicroelectronics |
|
137 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 I2C interface 137/300 Enable I2C SIOE – SFR S1CON.INI1 = 1 Transmit Address and R/W bit = 1 to Slave – Is bus not busy? (SFR S1STA.BBUSY = 0?) <If busy, then test until not busy> – SFR S1DAT[7:0] = Load Slave Address # 01h – SFR S1CON.STA = 1, send Start on bus <bus transmission begins> Enable All Interrupts and go do something else – SFR IE.EA = 1 Slave-Transmitter Disable all interrupts – SFR IE.EA = 0 Set pointer to global data xmit buffer, set count – *xmit_buf = *pointer to data – buf_length = number of bytes to xmit Set global variables to indicate Master-Xmitter – I2C_master = 0, I2C_xmitter = 1 Enable SIOE – SFR S1CON.INI1 = 1 Prepare to Xmit first data byte – SFR S1DAT[7:0] = xmit_buf[0] Enable All Interrupts and go do something else – SFR IE.EA = 1 Slave-Receiver Disable all interrupts – SFR IE.EA = 0 Set pointer to global data recv buffer, set count – *recv_buf = *pointer to data – buf_length = number of bytes to recv Set global variables to indicate Master-Xmitter – I2C_master = 0, I2C_xmitter = 0 Enable SIOE – SFR S1CON.INI1 = 1 Enable All Interrupts and go do something else – SFR IE.EA = 1 Obsolete Product(s) - Obsolete Product(s) |