전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40U6 데이터시트(PDF) 138 Page - STMicroelectronics

부품명 UPSD3422EB40U6
상세설명  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 데이터시트(HTML) 138 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 135Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 136Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 137Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 138Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 139Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 140Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 141Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
138/300
23.13.1
Interrupt service routine (ISR)
A typical I2C interrupt service routine would handle a interrupt for any of the four
combinations of Master/Slave and Transmitter/Receiver. In the example routines above, the
firmware sets global variables, I2C_master and I2C_xmitter, before enabling interrupts.
These flags tell the ISR which one of the four cases to process. Following is pseudo-code for
high-level steps in the I2C ISR:
Begin I2C ISR <I2C interrupt just occurred>:
Clear I2C interrupt flag:
–
S1STA.INTR = 0
Read status of SIOE, put in to variable, status
–
status = S1STA
Read global variables that determine the mode
–
mode <= (I2C_master, I2C_slave)
If mode is Master-Transmitter
Bus Arbitration lost? (status.BLOST=1?)
If Yes, Arbitration was lost:
–
S1DAT = dummy, write to release bus
–
Exit ISR, SIOE will switch to Slave Recv mode
If No, Arbitration was not lost, continue:
ACK recvd from Slave? (status.ACK_RESP=0?)
If No, an ACK was not received:
–
S1CON.STO = 1, set Stop bus condition
–
<Stop occurs after ISR exit>
–
S1DAT = dummy, write to release bus
–
Exit ISR
If Yes, ACK was received, then continue:
–
S1DAT = xmit_buf[buffer_index], transmit byte
Was that the last byte of data to transmit?
If No, it was not the last byte, then:
–
Exit ISR, transmit next byte on next interrupt
If Yes, it was the last byte, then:
–
S1CON.STO = 1, set Stop bus condition
<Stop occurs after ISR exit>
–
S1DAT = dummy, write to release bus
–
Exit ISR
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More