| 전자부품 데이터시트 검색엔진 |
|
EM6821 데이터시트(PDF) 13 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6821 데이터시트(HTML) 13 Page - EM Microelectronic - MARIN SA |
|
13 / 68 page ![]() R EM6821 Copyright © 2005, EM Microelectronic-Marin SA 13 www.emmicroelectronic.com 6. Input and Output Ports The EM6821 has: - One 4-bit input port ( port A ) - One 4-bit input/output port. ( port B ) - One serial interface (port SP) also configurable as 4-bit I/O port Pull-up and pull-down resistors can be added to all this ports with metal and/or register options. 6.1 Ports Overview Table 6.1.1 Input and Output Ports Overview Port Mode Mask(M:) or Register(R:) Option Function Bit-wise Multifunction on Ports PA [3:0] Input M: Pull-up M: Pull-down (default) R: Pull(up/down) select R: Debouncer or direct input for IRQ requests and Counter R: + or - for IRQ-edge and counter R: Input reset combination -Input -Bit-wise interrupt request -Software test variable conditional jump -PA[3],PA[0] input for the event counter -PA[3] input for the millisecond counter -Port A reset inputs PA[3] 10 bit event counter clock start/stop of MSC PA[2] - - PA[1] - - PA[0] 10 bit event counter clock - PB [3:0] Individual input or output R: CMOS or Nch. open drain output R: Pull-down on input R: Pull-up on input -Input or output -PB[3] for the PWM output -PB[2:0] for the Ck[16,11,1] output -Tristate output PB[3] PWM output PB[2] Ck[16] output PB[1] Ck[11] output PB[0] Ck[1] output PS [3:0] Serial I/O or port-wise input / output R: CMOS or Nch open drain output R: Pull-down on input R: Pull-up on input -PSP[3], serial clock out -PSP[2], serial data out -PSP[1], serial status out -PSP[0], serial data in -PSP[3:0] 4-bit input/output -Tristate output PSP[3] Serial clock output SCLK PSP[2] Serial data output SOUT PSP[1] Ready or CS Ready/CS PSP[0] Serial data input SIN |