| 전자부품 데이터시트 검색엔진 |
|
STE2004DIE2 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 66 page ![]() STE2004 46/66 Figure 58. 8080-series & 68000-series Interface Interconnection in Master Slave Mode Figure 59. Host Processor Interconnection with I2C Interface LR0217 STE2004 STE2004 D7-D0 RES SLAVE CS MASTER CS D7-D0 8 LINES 8 LINES E-WR RW-RD D/C CS RES D7-D0 E-WR RW-RD D/C CS RES E-WR RW-RD D/C VDD1 / VSSAUX VDD1 / VSSAUX DIGITAL VDD STE2004 µP D/C CS RES D0 D1 D2 D3 D4 D5 D6 D7 VSSAUX VSSAUX E - WR R/W - RD VSENSE_SLAVE VDD1_AUX OSC_IN FR_IN SDIN-SDAIN SDOUT SDAOUT SCLK -SCL SA1 SEL2 SEL3 VSSAUX M/S SA0 SEL1 VSS TEST_MODE VDD1 VDD2 TEST VREF VSSAUX VDD1 ANALOG VDD LR0110 ICON VDD1 / VSSAUX VDD1 / VSSAUX EXT_SET |