전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8162D 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STV8162D
상세설명  5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162D 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STV8162D Datasheet HTML 3Page - STMicroelectronics STV8162D Datasheet HTML 4Page - STMicroelectronics STV8162D Datasheet HTML 5Page - STMicroelectronics STV8162D Datasheet HTML 6Page - STMicroelectronics STV8162D Datasheet HTML 7Page - STMicroelectronics STV8162D Datasheet HTML 8Page - STMicroelectronics STV8162D Datasheet HTML 9Page - STMicroelectronics STV8162D Datasheet HTML 10Page - STMicroelectronics STV8162D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
STV8162 - STV8162D
Application Diagrams
Figure 5: STV8162 Typical Application
Figure 6: STV8162D Typical Application
1
2
9
7
Ce
0.1 µF
C2
C3
C1 to C6 = 10 µF
OUTPUT2
OUTPUT3
INPUT2
INPUT3
5
8
10
RESET
DELAY
CAPACITOR
DISABLE
GROUND
11
VOUT1
VOUT2
4 INPUT1
OUTPUT1 3
6
VIN1
VIN2
VIN3
C1
VOUT3
C5
C6
C4
NC
1
2
8
6
Ce
0.1 µF
C2
C3
C1 to C6 = 10 µF
OUTPUT2
OUTPUT3
INPUT2
INPUT3
5
7
9
RESET
DELAY
CAPACITOR
DISABLE
GROUND
VOUT1
VOUT2
4 INPUT1
OUTPUT1 3
VIN1
VIN2
VIN3
C1
VOUT3
C5
C6
C4
Pins
10 to 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com