전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8162D 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STV8162D
상세설명  5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162D 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STV8162D Datasheet HTML 4Page - STMicroelectronics STV8162D Datasheet HTML 5Page - STMicroelectronics STV8162D Datasheet HTML 6Page - STMicroelectronics STV8162D Datasheet HTML 7Page - STMicroelectronics STV8162D Datasheet HTML 8Page - STMicroelectronics STV8162D Datasheet HTML 9Page - STMicroelectronics STV8162D Datasheet HTML 10Page - STMicroelectronics STV8162D Datasheet HTML 11Page - STMicroelectronics STV8162D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
STV8162 - STV8162D
Package Mechanical Data
6
Package Mechanical Data
Figure 9: 11-pin Plastic Clipwatt Package
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.20
0.126
B
1.05
0.041
C
0.15
0.006
D
1.50
0.059
E
0.49
0.55
0.019
0.002
F
0.80
0.91
0.031
0.036
G
1.57
1.70
1.83
0.062
0.067
0.072
H1
12.00
0.480
H2
18.60
0.732
H3
19.85
0.781
L
17.90
0.700
L1
14.45
0.569
L2
10.70
11.00
11.20
0.421
0.433
0.441
L3
5.50
0.217
M
2.54
0.100
M1
2.54
0.100
Number of Pins
N
11
B
E
M1
M
C
A
A
H3
H1
F
G1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com