전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U595AI 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STM32U595AI
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI 데이터시트(HTML) 5 Page - STMicroelectronics

  STM32U595AI Datasheet HTML 1Page - STMicroelectronics STM32U595AI Datasheet HTML 2Page - STMicroelectronics STM32U595AI Datasheet HTML 3Page - STMicroelectronics STM32U595AI Datasheet HTML 4Page - STMicroelectronics STM32U595AI Datasheet HTML 5Page - STMicroelectronics STM32U595AI Datasheet HTML 6Page - STMicroelectronics STM32U595AI Datasheet HTML 7Page - STMicroelectronics STM32U595AI Datasheet HTML 8Page - STMicroelectronics STM32U595AI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 377 page
background image
DS13633 Rev 1
5/377
STM32U59xxx
Contents
8
3.34
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.35
Operational amplifiers (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.36
Multi-function digital filter (MDF) and audio digital filter (ADF) . . . . . . . . . 70
3.36.1
Multi-function digital filter (MDF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.36.2
Audio digital filter (ADF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
3.37
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.38
Parallel synchronous slave interface (PSSI) . . . . . . . . . . . . . . . . . . . . . . 74
3.39
LCD-TFT display controller (LTDC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
3.40
DSI Host controller (DSI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
3.41
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
3.42
True random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.43
HASH hardware accelerator (HASH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.44
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
3.44.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 79
3.44.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15,
TIM16,TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.44.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.44.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4) . . . . . . . . . . . . 80
3.44.5
Infrared interface (IRTIM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
3.44.6
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
3.44.7
Window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
3.44.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
3.45
Real-time clock (RTC), tamper and backup registers . . . . . . . . . . . . . . . 82
3.45.1
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
3.45.2
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . 83
3.46
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.47
Universal synchronous/asynchronous receiver transmitter (USART/UART)
and low-power universal asynchronous receiver transmitter (LPUART) . 85
3.47.1
Universal synchronous/asynchronous receiver transmitter
(USART/UART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
3.47.2
Low-power universal asynchronous receiver transmitter (LPUART) . . . 87
3.48
Serial peripheral interfaces (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
3.49
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
3.50
Secure digital input/output and MultiMediaCards interface (SDMMC) . . . 90
3.51
Controller area network (FDCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
3.52
USB on-the-go high-speed (OTG_HS) . . . . . . . . . . . . . . . . . . . . . . . . . . . 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More