전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U595AI 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM32U595AI
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 5Page - STMicroelectronics STM32U595AI Datasheet HTML 6Page - STMicroelectronics STM32U595AI Datasheet HTML 7Page - STMicroelectronics STM32U595AI Datasheet HTML 8Page - STMicroelectronics STM32U595AI Datasheet HTML 9Page - STMicroelectronics STM32U595AI Datasheet HTML 10Page - STMicroelectronics STM32U595AI Datasheet HTML 11Page - STMicroelectronics STM32U595AI Datasheet HTML 12Page - STMicroelectronics STM32U595AI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 377 page
background image
DS13633 Rev 1
9/377
STM32U59xxx
List of tables
12
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Table 2.
STM32U59xxx features and peripheral counts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 3.
Access status versus protection level and execution modes when TZEN = 0 . . . . . . . . . . 25
Table 4.
Access status versus protection level and execution modes when TZEN = 1 . . . . . . . . . . 26
Table 5.
Example of memory map security attribution versus SAU configuration regions . . . . . . . . 29
Table 6.
Boot modes when TrustZone is disabled (TZEN = 0). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 7.
Boot modes when TrustZone is enabled (TZEN = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 8.
Boot space versus RDP protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 9.
STM32U59xxx modes overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 10.
Functionalities depending on the working mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 11.
GPDMA1 channels implementation and usage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 12.
GPDMA1 autonomous mode and wake-up in low-power modes . . . . . . . . . . . . . . . . . . . . 54
Table 13.
LPDMA1 channels implementation and usage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 14.
LPDMA1 autonomous mode and wake-up in low-power modes . . . . . . . . . . . . . . . . . . . . 56
Table 15.
ADC features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 16.
Temperature sensor calibration values. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 17.
Internal voltage reference calibration values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 18.
MDF features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 19.
Timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 20.
I2C implementation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 21.
USART, UART and LPUART features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 22.
SPI features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Table 23.
SAI implementation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Table 24.
SDMMC features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Table 25.
Legend/abbreviations used in the pinout table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Table 26.
STM32U59xxx pin/ball definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Table 27.
Alternate function AF0 to AF7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 156
Table 28.
Alternate function AF8 to AF15. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
Table 29.
Voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 30.
Current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 31.
Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 181
Table 32.
General operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
Table 33.
Operating conditions at power-up/power-down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Table 34.
Embedded reset and power control block characteristics. . . . . . . . . . . . . . . . . . . . . . . . . 185
Table 35.
Embedded internal voltage reference. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Table 36.
Current consumption in Run mode on LDO, code with data processing
running from flash memory, ICACHE ON in 1-way, prefetch ON . . . . . . . . . . . . . . . . . . . 189
Table 37.
Current consumption in Run mode on SMPS, code with data processing
running from flash memory, ICACHE ON in 1-way, prefetch ON . . . . . . . . . . . . . . . . . . . 190
Table 38.
Current consumption in Run mode on SMPS, code with data processing
running from flash memory, ICACHE ON in 1-way, prefetch ON, VDD = 3.0 V . . . . . . . . 191
Table 39.
Static power consumption of flash memory banks when supplied by LDO or SMPS . . . . 192
Table 40.
Typical current consumption in Run mode on LDO, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON. . . . . . . . . . . . . . . . . . . . 192
Table 41.
Typical current consumption in Run mode on SMPS, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON. . . . . . . . . . . . . . . . . . . . 194
Table 42.
Typical current consumption in Run mode on LDO, with different codes running
from flash memory in low-power mode, ICACHE ON (1-way), prefetch ON. . . . . . . . . . . 195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More