| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 377 page ![]() Functional overview STM32U59xxx 64/377 DS13633 Rev 1 The HSPI registers can be configured as secure through the TZSC controller. 3.31 Analog-to-digital converters (ADC1, ADC2 and ADC4) The devices embed three successive approximation analog-to-digital converters. 3.31.1 Analog-to-digital converters (ADC1/2) The ADC1/2 are 14-bit ADC successive approximation analog-to-digital converters. Each ADC has up to 20 multiplexed channels. A/D conversion of the various channels can be performed in Single, Continuous, Scan or Discontinuous mode. The result of the ADC is stored in a left-aligned or right-aligned 32-bit data register. The ADC1/2 are mapped on the AHB bus to allow fast data handling. The analog watchdog features allow the application to detect if the input voltage goes outside the user-defined high or low thresholds. A built-in hardware over sampler allows analog performances to be improved while off-loading the related computational burden from the CPU. An efficient low-power mode is implemented to allow very low consumption at low frequency. Table 15. ADC features ADC modes/features(1) 1. X = supported. ADC1 ADC2 ADC4 Resolution 14 bits 12 bits Maximum sampling speed for 14-bit resolution 2.5 Msps Hardware offset calibration X Hardware linearity calibration X - Single-ended inputs X Differential inputs X - Injected channel conversion X - Oversampling up to x1024 up to x256 Data register 32 bits 16 bits DMA support X Parallel data output to MDF X - Dual mode X - Autonomous mode - X Offset compensation X - Gain compensation X - Number of analog watchdogs 3 Wake-up from Stop mode - X(2) 2. wake-up supported from Stop 0, Stop 1 and Stop 2 modes. |