전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32U595AI 데이터시트(PDF) 142 Page - STMicroelectronics

부품명 STM32U595AI
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI 데이터시트(HTML) 142 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 138Page - STMicroelectronics STM32U595AI Datasheet HTML 139Page - STMicroelectronics STM32U595AI Datasheet HTML 140Page - STMicroelectronics STM32U595AI Datasheet HTML 141Page - STMicroelectronics STM32U595AI Datasheet HTML 142Page - STMicroelectronics STM32U595AI Datasheet HTML 143Page - STMicroelectronics STM32U595AI Datasheet HTML 144Page - STMicroelectronics STM32U595AI Datasheet HTML 145Page - STMicroelectronics STM32U595AI Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 377 page
background image
-
-
-
-
C7
-
-
E18
C7
-
-
M11 126 M10
PG11
I/O
FT_hs
-
LPTIM1_IN2,
OCTOSPIM_P1_IO5,
SPI3_MOSI,
USART1_CTS,
SAI2_MCLK_A,
TIM15_CH2,
EVENTOUT
-
-
-
A6
126
A7
-
E6
D17
A6
-
-
A6
127
E6
PG12
I/O
FT_hs
-
LPTIM1_ETR,
OCTOSPIM_P2_NCS,
SPI3_NSS(boot),
USART1_RTS_DE,
FMC_NE4,
SAI2_SD_A,
EVENTOUT
-
-
-
-
127
G7
-
-
A14
B6
-
-
M10 128 N10
PG13
I/O
FT_fhs
-
I2C1_SDA, SPI3_RDY,
USART1_CK, LCD_R0,
FMC_A24, EVENTOUT
-
-
-
-
128
F8
-
-
C16
D7
-
-
M9
129
N9
PG14
I/O
FT_fhs
-
LPTIM1_CH2,
I2C1_SCL, LCD_R1,
FMC_A25, EVENTOUT
-
-
-
H9
129
D8
-
-
R24 J10
-
-
H9
130
-
VSS
S
-
-
-
-
-
-
D8
130
B8
-
A6
A16
E8
-
-
D8
131
A6
VDDIO2
S
-
-
-
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More